|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET M3D350 BY9200 series Ultra fast high-voltage soft-recovery controlled avalanche rectifier Product specification 1998 Dec 04 Philips Semiconductors Product specification Ultra fast high-voltage soft-recovery controlled avalanche rectifier FEATURES * Plastic package * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * 40% overvoltage allowed during 5 sec * Guaranteed avalanche energy absorption capability * Very low reverse recovery time * Soft-recovery switching characteristics * Compact construction. APPLICATIONS * Colour television and monitors up to 130 kHz (indication) * High-voltage applications for: - multipliers - diode-split-transformers (FBT's) MARKING Cathode band colour codes TYPE NUMBER BY9206 BY9208 BY9210 BY9212 PACKAGE CODE SOD118A SOD118A SOD118B SOD118B DESCRIPTION Plastic package, using glass passivation and a high temperature alloyed construction. This package is hermetically sealed and fatigue free as coefficients of BY9200 series expansion of all used parts are matched. The package should be used in an insulating medium such as resin, oil or SF6 gas. k handbook, halfpage Fig.1 Simplified outline (SOD118A; SOD118B) and symbol. a MAM402 INNER BAND green red violet orange OUTER BAND light blue light blue light blue light blue LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM1 BY9206 BY9208 BY9210 BY9212 VRRM2 repetitive peak reverse voltage BY9206 BY9208 BY9210 BY9212 max. 5 sec. - - - - 8.4 11.2 14.0 16.8 kV kV kV kV PARAMETER repetitive peak reverse voltage - - - - 6 8 10 12 kV kV kV kV CONDITIONS MIN. MAX. UNIT 1998 Dec 04 2 Philips Semiconductors Product specification Ultra fast high-voltage soft-recovery controlled avalanche rectifier SYMBOL IF(AV) BY9206 BY9208 BY9210 BY9212 IFRM Tstg Tj repetitive peak forward current storage temperature junction temperature BY9206 BY9208 BY9210 BY9212 Note 1. Withstands peak currents during flash-over in a picture tube. ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF BY9206 BY9208 BY9210 BY9212 IR trr reverse current reverse recovery time VR = VRRM1; Tj = 120 C when switched from IF = 2 mA to IR = 4 mA; measured at IR = 1 mA; see Fig 10 VR = 0 ; f = 1 MHz PARAMETER forward voltage CONDITIONS IF = 10 mA; see Figs 6, 7, 8 and 9 - - - - - - note 1 PARAMETER average forward current CONDITIONS averaged over any 20 ms period; see Figs 2, 3, 4 and 5 BY9200 series MIN. - - - - - -65 -65 -65 -65 -65 MAX. 10 5 5 5 500 +175 +160 +155 +150 +145 UNIT mA mA mA mA mA C C C C C TYP. MAX. 18 22 28 36 3 < 35 V V V V UNIT A ns Cd diode capacitance BY9206 BY9208 BY9210 BY9212 0.34 0.29 0.27 0.23 - - - - pF pF pF pF 1998 Dec 04 3 Philips Semiconductors Product specification Ultra fast high-voltage soft-recovery controlled avalanche rectifier GRAPHICAL DATA MDA853 BY9200 series handbook, halfpage 10 handbook, halfpage 5 MDA854 IF(AV) IF(AV) (mA) 8 (mA) 4 a = 6.32 6 a = 6.32 4 1.57 2 3 1.57 2 1 0 0 40 80 120 160 200 Tamb (C) 0 0 40 80 120 160 200 Tamb (C) BY9206. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 6.32: line output transformer application; see Fig 11. a = 1.57: half-sinewave. BY9208. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 6.32: line output transformer application; see Fig 11. a = 1.57: half-sinewave. Fig.2 Maximum permissible average forward current as a function of ambient temperature. Fig.3 Maximum permissible average forward current as a function of ambient temperature. handbook, halfpage 5 MDA859 IF(AV) (mA) 4 handbook, halfpage 5 MDA860 IF(AV) (mA) 4 a = 6.32 1.57 a = 6.32 1.57 3 3 2 2 1 1 0 0 40 80 120 160 200 Tamb (C) 0 0 40 80 120 160 200 Tamb (C) BY9210. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. (1) a = 6.32; line output transformer application; see Fig 11. (2) a = 1.57; half-sinewave. BY9212. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 6.32: line output transformer application; see Fig 11. a = 1.57: half-sinewave. Fig.4 Maximum permissible average forward current as a function of ambient temperature. Fig.5 Maximum permissible average forward current as a function of ambient temperature. 1998 Dec 04 4 Philips Semiconductors Product specification Ultra fast high-voltage soft-recovery controlled avalanche rectifier BY9200 series handbook, halfpage 200 IF MDA857 handbook, halfpage 200 IF MDA858 (mA) 160 (mA) 160 120 120 80 80 40 40 0 0 10 20 30 40 VF (V) 50 0 0 20 40 VF (V) 60 BY9206. Dotted line: Tj = Tj max. Solid line: Tj = 25 C. BY9208. Dotted line: Tj = Tj max. Solid line: Tj = 25 C. Fig.6 Forward current as a function of forward voltage; typical values. Fig.7 Forward current as a function of forward voltage; typical values. handbook, halfpage 200 IF MDA855 handbook, halfpage 200 IF MDA856 (mA) 160 (mA) 160 120 120 80 80 40 40 0 0 20 40 60 VF (V) 80 0 0 20 40 60 VF (V) 80 BY9210. Dotted line: Tj = Tj max. Solid line: Tj = 25 C. BY9212. Dotted line: Tj = Tj max. Solid line: Tj = 25 C. Fig.8 Forward current as a function of forward voltage; typical values. Fig.9 Forward current as a function of forward voltage; typical values. 1998 Dec 04 5 Philips Semiconductors Product specification Ultra fast high-voltage soft-recovery controlled avalanche rectifier BY9200 series handbook, full pagewidth IF (mA) 2 trr 2 mA 50 0 1 IR (mA) 4 MBH420 0.1 F t Rise time oscilloscope: tr < 7 ns. Generator pulse width: 1 s. Fig.10 Test circuit and reverse recovery time waveform and definition. APPLICATION INFORMATION handbook, full pagewidth VR VR Vo V RRM DUT VI Io VRW Tnom t MAM105 - 1 Fig.11 Typical operation circuit and voltage waveform. 1998 Dec 04 6 Philips Semiconductors Ultra fast high-voltage soft-recovery controlled avalanche rectifier PACKAGE OUTLINES Hermetically sealed plastic package; axial leaded; 2 leads D DIMENSIONS (mm are the original dimensions) UNIT mm b 0.5 D 2.6 2.4 G 6.7 6.3 L min. 31 (1) Product specification BY9200 series SOD118A k a b L G L 0 2.5 scale 5 mm Note 1. The marking bands indicate the cathode. OUTLINE VERSION SOD118A REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 98-05-28 1998 Dec 04 7 Philips Semiconductors Ultra fast high-voltage soft-recovery controlled avalanche rectifier Hermetically sealed plastic package; axial leaded; 2 leads k D DIMENSIONS (mm are the original dimensions) UNIT mm b 0.5 D 2.6 2.4 G 10.5 9.5 L min. 29 Note 1. The marking bands indicate the cathode. OUTLINE VERSION SOD118B IEC (1) Product specification BY9200 series SOD118B a b L G L 0 2.5 scale 5 mm REFERENCES JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 98-05-28 1998 Dec 04 8 Philips Semiconductors Product specification Ultra fast high-voltage soft-recovery controlled avalanche rectifier DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values BY9200 series This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 1998 Dec 04 9 Philips Semiconductors Product specification Ultra fast high-voltage soft-recovery controlled avalanche rectifier NOTES BY9200 series 1998 Dec 04 10 Philips Semiconductors Product specification Ultra fast high-voltage soft-recovery controlled avalanche rectifier NOTES BY9200 series 1998 Dec 04 11 Philips Semiconductors - a worldwide company Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998 SCA60 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 135106/00/01/pp12 Date of release: 1998 Dec 04 Document order number: 9397 750 04806 |
Price & Availability of BY9212 |